Part Number Hot Search : 
12AN3 RUEF800 5NK40 AS5040 11015 12232 ENA1198 IL2412S
Product Description
Full Text Search
 

To Download 54VCXH162244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 2011 doc id 10652 rev 9 1/18 18 54VCXH162244 low voltage cmos 16-bit bus buffer (3-state non inverter) with 3.6 v tolerant inputs and outputs features 1.65 to 3.6 v inputs and outputs high speed: ?t pd = 3.4 ns at v cc = 3.0 to 3.6 v ?t pd = 3.8 ns at v cc = 2.3 to 2.7 v power down protection on inputs and outputs symmetrical output impedance: ?|i oh | = i ol = 12 ma (min.) at v cc = 3.0 v ?|i oh | = i ol = 8 ma (min.) at v cc = 2.3 v 26 serie resistors in outputs operating voltage range: ?v cc (opr) = 1.65 v to 3.6 v pin and function compatible with 54 series h162244 bus hold provided on data inputs cold spare function latch-up performance exceeds 300 ma (jesd 17) esd performance: ? hbm > 2000 v (mil std 883 method 3015); mm > 200 v 300 krad mil1019.6 condition a, (rha qml qualification extension undergone) no sel, no seu and no set under 110 mev/cm2/mg let heavy ions irradiation qml qualified product smd 5962-05210 100 mv typical input hysteresis description the 54VCXH162244 is a low voltage cmos 16 bit bus buffer (non inverted) fabricated with sub- micron silicon gate and five-layer metal wiring c2mos technology. it is ideal for low power and very high speed 1.65 to 3.6 v applications; it can be interfaced to 3.6 v signal environment for both inputs and outputs. any ng output control governs four bus buffers. output enable input (ng ) tied together gives full 16-bit operation. when ng is low, the outputs are on. when ng is high, the output are in high impedance state. this device is designed to be used with 3 state memory address drivers, etc. bus hold on data inputs is provided in order to eliminate the need for external pull-up or pull-down resistor. the device circuits is including 26 series resistance in the outputs. these resistors permit to reduce line noise in high speed applications. all inputs and outputs are equipped with protection circuits against static discharge, giving them 2 kv esd immunity and transient excess voltage. flat-48 the upper metallic lid is not electrically c onnected to any pins, nor to the ic die inside the package. www.st.com
contents 54VCXH162244 2/18 doc id 10652 rev 9 contents 1 logic symbols and i/o equivalent circuit . . . . . . . . . . . . . . . . . . . . . . . . 3 2 pin settings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 pin connection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 2.3 truth table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 3 maximum rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3.1 recommended operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 4 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 5 test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 6 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 7 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 8 order codes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 9 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
54VCXH162244 logic symbols and i/o equivalent circuit doc id 10652 rev 9 3/18 1 logic symbols and i/o equivalent circuit figure 1. iec logic symbols figure 2. input and output equivalent circuit
pin settings 54VCXH162244 4/18 doc id 10652 rev 9 2 pin settings 2.1 pin connection figure 3. pin connection (top through view)
54VCXH162244 pin settings doc id 10652 rev 9 5/18 2.2 pin description 2.3 truth table note: x = do not care; z = high impedance table 1. pin description pin n symbol name and function 11g output enable input 2, 3, 5, 6 1y1 to 1y4 data outputs 8, 9, 11, 12 2y1 to 2y4 data outputs 13, 14, 16, 17 3y1 to 3y4 data outputs 19, 20, 22, 23 4y1 to 4y4 data outputs 24 4g output enable input 25 3g output enable input 30, 29, 27, 26 4a1 to 4a4 data outputs 36, 35, 33, 32 3a1 to 3a4 data outputs 41, 40, 38, 37 2a1 to 2a4 data outputs 47, 46, 44, 43 1a1 to 1a4 data outputs 48 2g output enable input 4, 10, 15, 21, 28, 34, 39, 45 gnd ground (0 v) 7, 18, 31, 42 v cc positive supply voltage table 2. truth table inputs output ganyn lll lhh hxz
maximum rating 54VCXH162244 6/18 doc id 10652 rev 9 3 maximum rating stressing the device above the rating listed in the ?absolute maximum ratings? table may cause permanent damage to the device. these are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not imp lied. exposure to absolute ma ximum rating conditions for extended periods may affect device reliability. 3.1 recommended operating conditions table 3. absolute maximum ratings symbol parameter value unit v cc supply voltage -0.5 to +4.6 v v i dc input voltage -0.5 to +4.6 v v o dc output voltage (off state) -0.5 to +4.6 v v o dc output voltage (high or low state) (1) 1. i o absolute maximum rating must be observed -0.5 to v cc + 0.5 v i ik dc input diode current - 50 ma i ok dc output diode current (2) 2. v o < gnd, v o > v cc - 50 ma i o dc output current 50 ma i cc or i gnd dc v cc or ground current per supply pin 100 ma p d power dissipation 400 mw t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 260 c table 4. recommended operating conditions symbol parameter value unit v cc supply voltage 1.8 to 3.6 v v i input voltage -0.3 to 3.6 v v o output voltage (off state) 0 to 3.6 v v o output voltage (high or low state) 0 to v cc v i oh , i ol high or low level output current (v cc = 3.0 to 3.6 v) 12 ma i oh , i ol high or low level output current (v cc = 2.3 to 2.7 v) 8ma t op operating temperature -55 to 125 c dt/dv input rise and fall time (1) 1. v in from 0.8 v to 2 v at v cc = 3.0 v 0 to 10 ns/v
54VCXH162244 electrical characteristics doc id 10652 rev 9 7/18 4 electrical characteristics 2.7 v < v cc < 3.6 v unless otherwise specified table 5. dc specifications symbol parameter test condition value unit v cc (v) -55 to 125c min. max. v ih high level input voltage 2.7 to 3.6 2.0 v v il low level input voltage 0.8 v oh high level output voltage 2.7 to 3.6 i o = -100 a v cc -0.2 v 2.7 i o = -6 ma 2.2 3.0 i o = -8 ma 2.4 i o = -12 ma 2.2 v ol low level output voltage 2.7 to 3.6 i o = 100 a 0.2 v 2.7 i o = 6 ma 0.4 3.0 i o = 8 ma 0.5 i o = 12 ma 0.8 i i input leakage current 2.7 to 3.6 v i = v cc or gnd 5 a i i(hold) input hold current 3.0 v i = 0.8 v 75 a v i = 2 v -75 3.6 v i = 0 to 3.6 v 500 i off power off leakage current 0v i or v o = 0 to 3.6 v 10 a i oz high impedance output leakage current 2.7 to 3.6 v i = v ih or v il v o = 0 to 3.6 v 10 a i cc quiescent supply current 2.7 to 3.6 v i = v cc or gnd 20 a v i or v o = v cc to 3.6 v 20 i cc i cc incr. per input 2.7 to 3.6 v ih = v cc - 0.6 v 750 a
electrical characteristics 54VCXH162244 8/18 doc id 10652 rev 9 2.3 v < v cc < 2.7 v unless otherwise specified table 6. dc specifications symbol parameter test condition value unit v cc (v) -55 to 125 c min. max. v ih high level input voltage 2.3 to 2.7 1.6 v v il low level input voltage 0.7 v oh high level output voltage 2.3 to 2.7 i o = -100 av cc -0.2 v 2.3 i o = -4 ma 2.0 i o = -6 ma 1.8 i o = -8 ma 1.7 v ol low level output voltage 2.3 to 2.7 i o = 100 a0.2 v 2.3 i o = 6 ma 0.4 i o = 8 ma 0.6 i i input leakage current 2.3 to 2.7 v i = v cc or gnd 5a i i(hold) input hold current 2.3 v i = 0.7 v 45 a v i = 1.7 v -45 i off power off leakage current 0v i or v o = 0 to 3.6 v 10 a i oz high impedance output leakage current 2.3 to 2.7 v i = v ih or v il v o = 0 to 3.6 v 10 a i cc quiescent supply current 2.3 to 2.7 v i = v cc or gnd 20 a v i or v o = v cc to 3.6 v 20
54VCXH162244 electrical characteristics doc id 10652 rev 9 9/18 t a = 25 c, input t r = t f = 2.0 ns, c l = 30 pf, r l = 500 c l = 30 pf, r l = 500 , input t r = t f = 2.0 ns table 7. dynamic switching characteristics symbol parameter test condition value unit v cc (v) t a = 25 c v olp dynamic low voltage quiet output (1) (2) 1. number of outputs defined as ?n?. measured with ?n -1? outputs switching from high to low or low to high. the remaining output is measured in the low state. 2. parameters guaranteed by design. 2.5 v il = 0v v ih = v cc 0.25 v 3.3 0.35 v olv dynamic low voltage quiet output (1) (2) 2.5 v il = 0v v ih = v cc -0.25 v 3.3 -0.35 v ohv dynamic high voltage quiet output (2) (3) 3. number of outputs defined as ?n?. measured with ?n -1? outputs switching from high to low or low to high. the remaining output is measured in the high state. 2.5 v il = 0v v ih = v cc 2.05 v 3.3 2.65 table 8. ac electrical characteristics symbol parameter test condition value unit v cc (v) -55 to 125 c min. max. t plh t phl propagation delay time 2.3 to 2.7 1.0 5.2 ns 3.0 to 3.6 0.8 5.0 t pzl t pzh output enable time 2.3 to 2.7 1.0 5.8 ns 3.0 to 3.6 0.8 4.2 t plz t phz output disable time 2.3 to 2.7 1.0 4.5 ns 3.0 to 3.6 0.8 4.0 t oslh t oshl output to output skew time (1) (2) 1. skew is defined as the absolute value of the di fference between the actual propagation delay for any two outputs of the same device switching in the same direction, either high or low (t oslh = | t plhm - t plhn |, t oshl = | t phlm - t phln |) 2. parameter guaranteed by design 2.3 to 2.7 0.5 ns 3.0 to 3.6 0.5
electrical characteristics 54VCXH162244 10/18 doc id 10652 rev 9 table 9. capacitive characteristics symbol parameter test condition value unit v cc (v) t a = 25 c c in input capacitance 2.5 or 3.3 v in = 0 or v cc 6pf c out output capacitance 2.5 or 3.3 v in = 0 or v cc 7pf c pd power dissipation capacitance (1) 1. c pd is defined as the value of the ic?s internal equivalent capacitance whic h is calculated from the operating current consumption without load. (refer to test circuit) . average operating current can be obtained by the following equation. i cc(opr) = c pd x v cc x f in + i cc /16 (per circuit) 2.5 or 3.3 f in = 10 mhz v in = 0 or v cc 20 pf
54VCXH162244 test circuit doc id 10652 rev 9 11/18 5 test circuit figure 4. application circuit c l = 10/30 pf or equivalent (includes jig and probe capacitance) r l = r 1 = 500 or equivalent r t = z out of pulse generator (typically 50 ) table 10. test circuit test switch t plh , t phl open t pzl , t plz (v cc = 3.0 to 3.6 v) 6 v t pzl , t plz (v cc = 2.3 to 2.7 v) 2 v cc t pzh , t phz gnd
waveforms 54VCXH162244 12/18 doc id 10652 rev 9 6 waveforms figure 5. waveform - propagation delay (f = 1 mhz; 50% duty cycle) table 11. waveform symbol value symbol v cc 3.0 to 3.6 v 2.3 to 2.7 v v ih 2.7 v v cc v m 1.5 v v cc /2 v x v ol +0.3 v v ol +0.15 v v y v oh -0.3 v v oh -0.15 v
54VCXH162244 waveforms doc id 10652 rev 9 13/18 figure 6. waveform - output enable and disable time (f = 1 mhz; 50% duty cycle)
package mechanical data 54VCXH162244 14/18 doc id 10652 rev 9 7 package mechanical data 54vcxh162245 products are supplied into ceramic body / metal lid hermetic flat 48-pin space package in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. table 12. flat-48 (mil-std-1835) mechanical data dim. mm inch min. typ. max. min. typ. max. a 2.18 2.47 2.72 0.086 0.097 0.107 b 0.20 0.254 0.30 0.008 0.010 0.012 c 0.12 0.15 0.18 0.005 0.006 0.007 d 15.57 15.75 15.92 0.613 0.620 0.627 e 9.52 9.65 9.78 0.375 0.380 0.385 e2 6.22 6.35 6.48 0.245 0.250 0.255 e3 1.52 1.65 1.78 0.060 0.065 0.070 e 0.635 0.025 f 0.20 0.008 l 6.85 8.38 9.40 0.270 0.330 0.370 q 0.66 0.79 0.92 0.026 0.031 0.036 s1 0.25 0.43 0.61 0.010 0.017 0.024
54VCXH162244 package mechanical data doc id 10652 rev 9 15/18 figure 7. package dimension note: the upper metallic lid is not electrically connected to any pins, nor to the ic die inside the package. connecting unused pins or metal lid to ground or to the power supply will not affect the electrical characteristics. 7330585b
order codes 54VCXH162244 16/18 doc id 10652 rev 9 8 order codes table 13. ordering information package min op. voltage lead finish radiation level flight models engineering model packing qml-v 48-pin flat 1.8v gold plated 300 krad rhfxh162244k03v rhrxh162244k1 conductive strip pack die 3.6v to 1.8v - 100 krad rxh162244die2v
54VCXH162244 revision history doc id 10652 rev 9 17/18 9 revision history table 14. document revision history date revision changes 09-jul-2004 1 first release 17-may-2005 2 smd qualified 19-jun-2006 3 300 krad bullet updated, new template, mechanical data updated 11-apr-2007 4 updated cover page features 30-jul-2007 5 typo in table 12 on page 14 17-sep-2008 6 updated cover page 09-jan-2009 7 updated cover page 23-sep-2009 8 updated table 13 on page 16 29-jul-2011 9 added note: on page 15 and in the "pin connections" diagram on the coverpage
54VCXH162244 18/18 doc id 10652 rev 9 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by two authorized st representatives, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2011 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of 54VCXH162244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X